PART |
Description |
Maker |
MP1580HP-Z |
3.6 A SWITCHING REGULATOR, 418 kHz SWITCHING FREQ-MAX, PDIP8
|
MONOLITHIC POWER SYSTEMS INC
|
MC33363 MC33363DW |
HIGH VOLTAGE OFF-LINE SWITCHING REGULATOR Isolated Flyback Switching Regulator with 9V Output 1 A SWITCHING REGULATOR, 315 kHz SWITCHING FREQ-MAX, PDSO13
|
Motorola ON Semiconductor
|
LM2574-12BN LM2574-12BWM LM2574-3.3BN LM2574-3.3BW |
LENS; Colour:Blue; Length / Height, external:18mm; Width, external:18mm RoHS Compliant: Yes 1.8 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PDSO14 52kHz Simple 0.5A Buck Regulator 1.8 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PDSO14 52KHZ SIMPLE 0.5A BUCK REGULATOR 1.8 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PDIP8 Octal D-type Edge-Triggered Flip-Flops With 3-State Outputs 20-SOIC -40 to 85
|
MICREL INC Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
LT1370HVCRTRPBF |
Isolated Flyback Switching Regulator with 9V Output 10 A SWITCHING REGULATOR, 580 kHz SWITCHING FREQ-MAX, PSSO7
|
Linear Technology, Corp.
|
MM3010 MM3005C MM3005 MM3006 MM3009 MM3008 MM3005A |
0.3 A SWITCHING REGULATOR, 57.5 kHz SWITCHING FREQ-MAX, PDSO5 CMOS Switching Regulator (PWM controlled)
|
MITSUMI ELECTRIC CO LTD MITSUMI[Mitsumi Electronics, Corp.]
|
MC33362DWG MC33362DWR2 MC33362DWR2G MC3336206 MC33 |
High Voltage Switching Regulator 2 A SWITCHING REGULATOR, 315 kHz SWITCHING FREQ-MAX, PDSO13
|
ONSEMI[ON Semiconductor]
|
BD9130NV BD9130NV09 BD9130NV-E2 |
2 A SWITCHING REGULATOR, 1200 kHz SWITCHING FREQ-MAX, DSO8 5 X 6 MM, 1.27 MMPITCH, LEAD FREE, SON-8 Output 2A or More High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
|
Rohm
|
BA9743AFV A5801070 |
Regulator LSIs > Switching regulator 2-channel switching regulator controller From old datasheet system
|
ROHM[Rohm]
|
ADP3000AN-12 ADP3000AR-12 ADP3000AN-33 ADP3000AR-3 |
Isolated Flyback Switching Regulator with 9V Output SWITCHING REGULATOR, 400 kHz SWITCHING FREQ-MAX, PDSO8 Voltage-Mode SMPS Controller SWITCHING REGULATOR, 400 kHz SWITCHING FREQ-MAX, PDSO8 Isolated Flyback Switching Regulator with 9V Output SWITCHING REGULATOR, 400 kHz SWITCHING FREQ-MAX, PDIP8 Isolated Flyback Switching Regulator with 9V Output 隔离反激式开关稳9V输出 Circular Connector Cable Assembly; Connector Type A:Circular Plug; Connector Type B:Stripped End Leads; Cable Length:10ft RoHS Compliant: Yes Top Entry Connector Hood; Enclosure Material:Aluminum Alloy; For Use With:C146 Rectangular Circular Connectors; Connecting Termination:Screw; Gender:Male; No. of Contacts:48; Operating Voltage:400V; Series:C-146 RoHS Compliant: Yes Micropower Step-Up/Step-Down Fixed 3.3 V, 5 V, 12 V and Adjustable High Frequency Switching Regulator
|
ANALOG DEVICES INC Rochester Electronics, LLC Analog Devices, Inc.
|
LTC1736C LTC1736I LTC1736CGTRPBF |
5-Bit Adjustable High Efficiency Synchronous Step-Down Switching Regulator; Package: SSOP; No of Pins: 24; Temperature Range: 0°C to 70°C 3 A SWITCHING CONTROLLER, 500 kHz SWITCHING FREQ-MAX, PDSO24 Isolated Flyback Switching Regulator with 9V Output 隔离反激式开关稳9V输出
|
Linear Technology, Corp.
|
LTC1504A LTC1504AC LTC1504ACS8 LTC1504ACS8-3.3 LTC |
Hex 2-Line To 1-Line Universal Multiplexers With 3-State Outputs 24-PDIP 0 to 70 1 A SWITCHING REGULATOR, 300 kHz SWITCHING FREQ-MAX, PDSO8 500mA Low Voltage Step-Down Synchronous Switching Regulator
|
Linear Technology, Corp.
|